Part Number Hot Search : 
MIC50396 PSB33F12 SP3232E LU8743 Z00AV CP012 S6022 ATA66620
Product Description
Full Text Search
 

To Download HT1622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT1622
RAM Mapping 328 LCD Controller for I/O mC
Features
* * * * * * * * * *
Operating voltage: 2.7V~5.2V Built-in RC oscillator 1/4 bias, 1/8 duty, frame frequency is 64Hz Max. 328 patterns, 8 commons, 32 segments Built-in internal resistor type bias generator 3-wire serial interface 8 kinds of time base/WDT selection Time base or WDT overflow output Built-in LCD display RAM R/W address auto increment
* * * * * * *
Two selectable buzzer frequencies (2kHz/4kHz) Power down command reduces power consumption Software configuration feature Data mode and Command mode instructions Three data accessing modes VLCD pin to adjust LCD operating voltage Cascade application
General Description
HT1622 is a peripheral device specially designed for I/O type mC used to expand the display capability. The max. display segment of the device are 256 patterns (328). It also supports serial interface, buzzer sound, Watchdog Timer or time base timer functions. The HT1622 is a memory mapping and multi-function LCD controller. The software configuration feature of the HT1622 make it suitable for multiple LCD applications including LCD modules and display subsystems. Only three lines are required for the interface between the host controller and the HT1622. The HT162X series have many kinds of products that match various applications.
Selection Table
HT162X COM SEG Built-in Osc. Crystal Osc. O HT1620 HT1621 HT1622 HT16220 HT1623 HT1625 HT1626 HT1627 HT16270 4 32 4 32 O O 8 32 O O 8 32 8 48 O O 8 64 O O 16 48 O O 16 64 O O 16 64
1
April 21, 2000
HT1622
Block Diagram
D is p la y R A M OSCI CS RD WR DATA VDD VSS BZ BZ T o n e F re q u e n c y G e n e ra to r W a tc h d o g T im e r and T im e B a s e G e n e r a to r Con an T im C ir c tro l d in g u it COM0 L C D D r iv e r / B ia s C ir c u it COM7 SEG0 SEG 31 VLCD IR Q
Pin Assignment
SEG SEG SEG SEG SEG SEG SEG 31 64 30 63 29 62 28 61 27 60 26 59 25 58 SEG 24 57 SEG SEG SEG SEG NC 20 23 56 22 55 21 54 53 52
CS NC RD WR DATA VSS OSCI VDD VLC D IR Q BZ NC BZ T1 T2 T3 COM0 COM1 NC
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
1
51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
NC NC NC SE SE SE SE SE SE SE SE SE SE SE SE SE NC NC NC G 19 G 18 G 17 G 16 G 15 G 14 G 13 G 12 G 11 G 10 G9 G8 G7
HT1622 - 64 Q FP
20
21
22
23 5
24 6
25
26
27
28
29
30
31
32
COM4 COM3 COM2
SEG SEG SEG SEG SEG SEG SEG COM COM COM 0 7
2
1
2
3
4
5
6
April 21, 2000
HT1622
Pad Assignment
SEG 31 SEG 30 SEG 29 SEG 28 SEG 27 SEG 26 SEG 25 SEG 24 SEG 23 SEG 22 SEG 21 SEG 20
CS 1 2 RD WR
54
53
52
51
50
49
48
47
46
45
44
43
42 41 40
SEG 19 SEG 18 SEG 17 SEG 16 SEG 15 SEG 14 SEG 13 SEG 12 SEG 11 SEG 10 SEG9 SEG8 SEG7
3 4 5 6 7 8 9 10 (0 ,0 )
39 38 37 36 35 34 33 32 31 30
DATA VSS OSCI VDD VLCD IR Q BZ
BZ T1 T2 T3 COM0 COM1
11 12 13 14 15 16 17 COM2 18 COM3 19 COM4 20 COM5 21 COM6 22 COM7 23 SEG0 24 SEG1 25 SEG2 26 SEG3 27 SEG4 28 SEG5 29 SEG6
Chip size: 149 155 (mil)
2
* The IC substrate should be connected to VDD in the PCB layout artwork.
3
April 21, 2000
HT1622
Pad Coordinates
Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 X -68.43 -68.43 -68.43 -69.19 -69.36 -69.36 -69.36 -69.36 -69.36 -69.36 -69.36 -69.36 -69.36 -69.36 -69.36 -69.36 -39.23 -32.60 -20.19 -13.56 -1.15 5.48 15.00 21.63 28.26 34.89 41.52 Y 71.78 59.46 52.83 39.14 23.89 16.32 9.69 3.06 -3.57 -16.92 -33.83 -43.52 -50.15 -56.78 -63.41 -70.04 -71.14 -71.14 -71.14 -71.14 -71.14 -71.14 -71.91 -71.91 -71.91 -71.91 -71.91 Pad No. 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 X 48.15 54.78 69.32 69.32 69.32 69.32 69.32 69.32 69.32 69.32 69.32 69.32 69.32 69.32 69.32 14.19 7.57 0.94 -5.70 -12.32 -18.95 -25.58 -32.22 -38.85 -45.47 -52.10 -58.74 Unit: mil Y -71.91 -71.91 -10.67 -4.04 2.59 9.22 15.85 22.48 29.11 35.74 42.37 49.00 55.63 62.26 68.89 71.78 71.78 71.78 71.78 71.78 71.78 71.78 71.78 71.78 71.78 71.78 71.78
4
April 21, 2000
HT1622
Pad Description
Pad No. Pad Name I/O Description Chip selection input with Pull-high resistor. When the CS is logic high, the data and command read from or written to the HT1622 are disabled. The serial interface circuit is also reset. But if CS is at logic low level and is input to the CS pad, the data and command transmission between the host controller and the HT1622 are all enabled. READ clock input with Pull-high resistor. Data in the RAM of the HT1622 are clocked out on the rising edge of the RD signal. The clocked out data will appear on the data line. The host controller can use the next falling edge to latch the clocked out data. WRITE clock input with Pull-high resistor. Data on the DATA line are latched into the HT1622 on the rising edge of the WR signal. Negative power supply, ground If the system clock comes from an external clock source, the external clock source should be connected to the OSCI pad. Positive power supply LCD operating voltage input pad Time base or Watchdog Timer overflow flag, NMOS open drain output 2kHz or 4kHz tone frequency output pair Not connected LCD common outputs LCD segment outputs
1
CS
I
2
RD
I
3 4 5 6 7 8 9 10, 11 12~14 15~22 23~54
WR DATA VSS OSCI VDD VLCD IRQ BZ, BZ T1~T3 COM0~COM7 SEG0~SEG31
I
I/O Serial data input/output with Pull-high resistor 3/4 I 3/4 I O O I O O
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 5.5V Input Voltage ................VSS-0.3V to VDD+0.3V Storage Temperature.................-50C to 125C Operating Temperature ..............-25C to 75C
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
5
April 21, 2000
HT1622
D.C. Characteristics
Symbol VDD IDD1 IDD2 ISTB VIL VIH IOL1 IOH1 IOL1 IOH1 IOL2 IOH2 IOL3 IOH3 RPH Parameter Operating Voltage Operating Current Operating Current Standby Current Input Low Voltage Input High Voltage BZ, BZ, IRQ BZ, BZ DATA DATA LCD Common Sink Current LCD Common Source Current LCD Segment Sink Current LCD Segment Source Current Pull-high Resistor Test Conditions VDD 3/4 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V Conditions 3/4 No load/LCD ON On-chip RC oscillator No load/LCD OFF On-chip RC oscillator No load Power down mode DATA, WR, CS, RD DATA, WR, CS, RD VOL=0.3V VOL=0.5V VOH=2.7V VOH=4.5V VOL=0.3V VOL=0.5V VOH=2.7V VOH=4.5V VOL=0.3V VOL=0.5V VOH=2.7V VOH=4.5V VOL=0.3V VOL=0.5V VOH=2.7V VOH=4.5V DATA, WR, CS, RD Ta=25C Min. Typ. Max. Unit 2.7 3/4 3/4 3/4 3/4 3/4 3/4 0 0 2.4 4.0 0.9 1.7 -0.9 -1.7 200 250 3/4 80 135 8 20 1 2 3/4 3/4 3/4 3/4 1.8 3 -1.8 -3 450 500 5.2 210 415 30 55 8 16 0.6 1.0 3 5 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 300 150 V mA mA mA mA mA mA V V V V mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA kW kW
-200 -450 -250 -500 15 100 -15 -45 15 70 -6 -20 100 50 40 200 -30 -90 30 150 -13 -40 200 100
6
April 21, 2000
HT1622
A.C. Characteristics
Symbol fSYS1 Parameter System Clock Test Conditions VDD 3V 5V fSYS2 fLCD1 fLCD2 tCOM fCLK1 fCLK2 tCS System Clock LCD Frame Frequency LCD Frame Frequency LCD Common Period Serial Data Clock (WR pin) Serial Data Clock (RD pin) Serial Interface Reset Pulse Width (Figure 3) 3V 5V 3V 5V 3V 5V 3/4 3V 5V 3V 5V 3/4 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V External clock source On-chip RC oscillator External clock source n: Number of COM Duty cycle 50% Duty cycle 50% CS Write mode Read mode Write mode Read mode 3/4 3/4 3/4 3/4 3/4 Conditions On-chip RC oscillator Ta=25C Min. Typ. Max. Unit 22 24 3/4 3/4 44 48 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3.34 6.67 1.67 3.34 3/4 3/4 3/4 3/4 3/4 32 32 32 32 64 64 64 64 n/fLCD 3/4 3/4 3/4 3/4 250 3/4 3/4 3/4 3/4 120 120 120 100 100 40 40 3/4 3/4 80 80 3/4 3/4 3/4 150 300 75 150 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 kHz kHz kHz kHz Hz Hz 3/4 3/4 sec kHz kHz kHz kHz ns ms ms ns ns ns ns ns
tCLK
WR, RD Input Pulse Width (Figure 1)
tr, tf tsu th tsu1 th1
Rise/Fall Time Serial Data Clock Width (Figure 1) Setup Time for DATA to WR, RD Clock Width (Figure 2) Hold Time for DATA to WR, RD, Clock Width (Figure 2) Setup Time for CS to WR, RD Clock Width (Figure 3) Hold Time for CS to WR, RD Clock Width (Figure 3)
7
April 21, 2000
HT1622
V A L ID D A T A V th 50% V
DD
tf W R,RD C lo c k 90% 50% 10% tC
tr V tC
LK
DD
DB
50% tsu
GND
DD
GND
W R,RD C lo c k
LK
Figure 1
tC
S
GND
Figure 2
V
CS
50% tsu
1
DD
th
1
GND V
DD
W R,RD C lo c k
50% F IR S T C lo c k
LAST C lo c k
GND
Figure 3
Functional Description
Display memory - RAM structure The static display RAM is organized into 644 bits and stores the display data. The contents of the RAM are directly mapped to the contents of the LCD driver. Data in the RAM can be acc e s s e d b y t he READ , W RI T E a n d READ-MODIFY-WRITE commands. The following is a mapping from the RAM to the LCD patterns.
COM7 SEG0 SEG1 SEG2 SEG3 7 5 6 3 4 A d d r e s s 6 B its (A 5 , A 4 , ...., A 0 ) COM6 COM5 COM4 1 2 COM3
Time base and Watchdog Timer (WDT) The time base generator and WDT share the same divided (/256) counter. TIMER DIS/EN/CLR, WDT DIS/EN/CLR and IRQ EN/DIS are independent from each other. Once the WDT time-out occurs, the IRQ pin will remain at logic low level until the CLR WDT or the IRQ DIS command is issued.
COM2 COM1 COM0 0
SEG 31 D3 D2 D1 D0
63 Addr D a ta D3 D2 D1 D0
62 Addr D a ta
D a ta 4 B its (D 3 , D 2 , D 1 , D 0 )
RAM mapping
8
April 21, 2000
HT1622
T im e B a s e C lo c k S o u r c e /2 5 6 V CLR T im e r
DD
T IM E R
E N /D IS
IR Q
W D T E N /D IS D CK R Q IR Q E N /D IS
W DT /4
CLR
W DT
Timer and WDT configurations If an external clock is selected as the source of system frequency, the SYS DIS command turns out invalid and the power down mode fails to be carried out until the external clock source is removed. Buzzer tone output A simple tone generator is implemented in the HT1622. The tone generator can output a pair of differential driving signals on the BZ and BZ which are used to generate a single tone. Command format The HT1622 can be configured by the software setting. There are two mode commands to configure the HT1622 resource and to transfer the LCD display data. Name TONE OFF TONE 4K TONE 2K Command Code 0000-1000-X 010X-XXXX-X 0110-XXXX-X Turn-off tone output Turn-on tone output, tone frequency is 4kHz Turn-on tone output, tone frequency is 2kHz The following are the data mode ID and the command mode ID: Operation READ WRITE READ-MODIFY-WRITE COMMAND Mode Data Data Data ID 110 101 101
Command 1 0 0
If successive commands have been issued, the command mode ID can be omitted. While the system is operating in a non-successive command or a non-successive address data mode, the CS pin should be set to "1" and the previous operation mode will be reset also. The CS pin returns to "0", a new operation mode ID should be issued first. Function
9
April 21, 2000
HT1622
Timing Diagrams
READ mode (command code : 1 1 0)
CS
WR
RD 1 1 0 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 M e m o ry A d d re s s 1 (M A 1 ) D a ta (M A 1 ) 1 1 0 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 M e m o r y A d d r e s s 2 ( M A 2 )D a t a ( M A 2 )
DATA
READ mode (successive address reading)
CS
WR
RD 1 1 0 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 D0D1 D2 D3 D0D1 D2 D3 D0D1 D2 D3 D0 D a ta (M A + 1 ) D a ta (M A + 2 ) D a ta (M A + 3 ) M e m o ry A d d re s s (M A ) D a ta (M A )
DATA
10
April 21, 2000
HT1622
WRITE mode (command code : 1 0 1)
CS
WR 1 0 1 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 M e m o r y A d d r e s s 1 ( M A 1 )D a t a ( M A 1 ) 1 0 1 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 M e m o r y A d d r e s s 2 ( M A 2 )D a t a ( M A 2 )
DATA
WRITE mode (successive address writing)
CS
WR 1 0 1 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 D0D1 D2 D3 D0D1 D2 D3 D0D1 D2 D3 D0 D a ta (M A + 1 ) D a ta (M A + 2 ) D a ta (M A + 3 ) M e m o ry A d d re s s (M A ) D a ta (M A )
DATA
11
April 21, 2000
HT1622
READ-MODIFY-WRITE mode (command code : 1 0 1)
CS
WR
RD 1 0 1 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 D0D1 D2 D3 D a ta (M A 1 ) M e m o r y A d d r e s s 1 ( M A 1 )D a t a ( M A 1 ) 1 0 1 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 M e m o r y A d d r e s s 2 ( M A 2 )D a t a ( M A 2 )
DATA
EAD-MODIFY-WRITE mode (successive address accessing)
CS
WR
RD 1 0 1 A5 A4 A3 A2 A1 A0 D0D1 D2 D3 D0D1 D2 D3 D0D1 D2 D3 D0D1 D2 D3 D0D1 D2 D3 D0 D a ta (M A ) D a ta (M A + 1 ) D a ta (M A + 1 ) D a ta (M A + 2 ) M e m o ry A d d re s s (M A ) D a ta (M A )
DATA
12
April 21, 2000
HT1622
Command mode (command code : 1 0 0)
CS
WR 1 0 0 C8C7C6C5C4 C3C2C1C0 C8C7C6C5C4 C3C2C1C0 Com m and 1 C o m m a n d ... Com m and i
DATA
Com m and or D a ta M o d e
Mode (data and command mode)
CS
WR
DATA
Com m and or D a ta M o d e
A d d re s s a n d D a ta
Com m and or D a ta M o d e
A d d re s s a n d D a ta
Com m and or D a ta M o d e
A d d re s s a n d D a ta
RD
13
April 21, 2000
HT1622
Application Circuits
*
CS RD WR DATA * R IR Q COM0~COM7 SEG 0~SEG 31
VDD * VLCD
VR
mC
HT1622
BZ P ie z o BZ
1 /4 B ia s , 1 /8 D u ty
LCD
Panel
Note: The connection of IRQ and RD pin can be selected depending on the requirement of the mC. The voltage applied to VLCD pin must be lower than VDD. Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15kW20%. Adjust R (external pull-high resistance) to fit user s time base clock.
14
April 21, 2000
HT1622
Command Summary
Name READ WRITE READMODIFYWRITE SYS DIS SYS EN LCD OFF LCD ON TIMER DIS WDT DIS TIMER EN WDT EN TONE OFF CLR TIMER CLR WDT RC 32K EXT 32K TONE 4K TONE 2K IRQ DIS IRQ EN F1 F2 F4 F8 ID Command Code D/C D D D C C C C C C C C C C C C C C C C C C C C C Function Read data from the RAM Write data to the RAM Read and Write data to the RAM Turn off both system oscillator and Yes LCD bias generator Turn on system oscillator Turn off LCD display Turn on LCD display Disable time base output Disable WDT time-out flag output Enable time base output Enable WDT time-out flag output Turn off tone outputs Clear the contents of the time base generator Clear the contents of WDT stage System clock source, on-chip RC oscillator System clock source, external clock source Tone frequency output: 4kHz Tone frequency output: 2kHz Disable IRQ output Enable IRQ output Time base clock output: 1Hz The WDT time-out flag after: 4s Time base clock output: 2Hz The WDT time-out flag after: 2s Time base clock output: 4Hz The WDT time-out flag after: 1s Time base clock output: 8Hz The WDT time-out flag after: 1/2 s Yes Yes Yes Yes Yes Yes Def. 1 1 0 A5A4A3A2A1A0D0D1D2D3 1 0 1 A5A4A3A2A1A0D0D1D2D3 1 0 1 A5A4A3A2A1A0D0D1D2D3 1 0 0 0000-0000-X 1 0 0 0000-0001-X 1 0 0 0000-0010-X 1 0 0 0000-0011-X 1 0 0 0000-0100-X 1 0 0 0000-0101-X 1 0 0 0000-0110-X 1 0 0 0000-0111-X 1 0 0 0000-1000-X 1 0 0 0000-1101-X 1 0 0 0000-1111-X 1 0 0 0001-10XX-X 1 0 0 0001-11XX-X 1 0 0 010X-XXXX-X 1 0 0 0110-XXXX-X 1 0 0 100X-0XXX-X 1 0 0 100X-1XXX-X 1 0 0 101X-0000-X 1 0 0 101X-0001-X 1 0 0 101X-0010-X 1 0 0 101X-0011-X
15
April 21, 2000
HT1622
Name F16 F32 F64 F128 TEST NORMAL ID Command Code D/C C C C C C C Function Time base clock output: 16Hz The WDT time-out flag after: 1/4 s Time base clock output: 32Hz The WDT time-out flag after: 1/8 s Time base clock output: 64Hz The WDT time-out flag after: 1/16 s Time base clock output: 128Hz The WDT time-out flag after: 1/32 s Test mode, user don t use. Normal mode Yes Yes Def.
1 0 0 101X-0100-X 1 0 0 101X-0101-X 1 0 0 101X-0110-X 1 0 0 101X-0111-X 1 0 0 1110-0000-X 1 0 0 1110-0011-X
Note: X : Don t care A5~A0 : RAM address D3~D0 : RAM data D/C : Data/Command mode Def. : Power on reset default All the bold forms, namely 1 1 0, 1 0 1, and 1 0 0, are mode commands. Of these, 1 0 0 indicates the command mode ID. If successive commands have been issued, the command mode ID except for the first command will be omitted. The source of the tone frequency and of the time base/WDT clock frequency can be derived from an on-chip 32kHz RC oscillator or an external 32kHz clock. Calculation of the frequency is based on the system frequency sources as stated above. It is recommended that the host controller should initialize the HT1622 after power on reset, for power on reset may fail, which in turn leads to the malfunctioning of the HT1622.
16
April 21, 2000
HT1622
Holtek Semiconductor Inc. (Headquarters) No.3 Creation Rd. II, Science-based Industrial Park, Hsinchu, Taiwan, R.O.C. Tel: 886-3-563-1999 Fax: 886-3-563-1189 Holtek Semiconductor Inc. (Taipei Office) 5F, No.576, Sec.7 Chung Hsiao E. Rd., Taipei, Taiwan, R.O.C. Tel: 886-2-2782-9635 Fax: 886-2-2782-9636 Fax: 886-2-2782-7128 (International sales hotline) Holtek Semiconductor (Hong Kong) Ltd. RM.711, Tower 2, Cheung Sha Wan Plaza, 833 Cheung Sha Wan Rd., Kowloon, Hong Kong Tel: 852-2-745-8288 Fax: 852-2-742-8657 Copyright O 2000 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
17
April 21, 2000


▲Up To Search▲   

 
Price & Availability of HT1622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X